PART |
Description |
Maker |
AT25256 AT25256-10CC AT25256-10CC-1.8 AT25256-10CC |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 122 x 32 pixel format, Compact LCD size 16K X 8 SPI BUS SERIAL EEPROM, PDSO20 BOX WATERTIGHT 6.01X3.24X1.81,1 16K X 8 SPI BUS SERIAL EEPROM, PDSO14 SPI Serial EEPROMs 16K X 8 SPI BUS SERIAL EEPROM, CDSO8 High Speed CMOS Logic Non-Inverting Octal-Bus Transceivers with 3-State Outputs 20-PDIP -55 to 125 128 x 64 pixel format, LED or EL Backlight available High Speed CMOS Logic Non-Inverting Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AT25020 AT25020-10PC AT25020-10PC-1.8 AT25020-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SO -55 to 125 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
CAT25C16YE-1.8-GT3 CAT25C08YI-1.8-GT3 CAT25C16YA-1 |
2K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, ROHS COMPLIANT, MS-012, SOIC-8
|
Fox Electronics
|
M9512807 M95128-DW3G_A M95128-DW3G_P M95128-DW3P_A |
16K X 8 SPI BUS SERIAL EEPROM, PDSO8 128 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics
|
AT25080B-TH-T AT25160B-PU |
IC SRL EEPROM 8K 1.8V 8TSSOP 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 IC SRL EEPROM 16K 1.8V 8PDIP 2K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Atmel, Corp.
|
M95160 M95160-BN3T M95160-BN5T M95160-BN6T M95160D |
8K X 8 SPI BUS SERIAL EEPROM, PDIP8 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMicroelectronics SGS Thomson Microelectronics
|
25LC320 24LC320-IP 24LC320-ISN 24LC320-IST 24LC320 |
32K 2.5V SPI Bus Serial EEPROM 32K2.5VSPIBusSerialEEPROM CABLE BNC MALE RG-58C/U 300,1 32K 2.5V SPI Bus Serial EEPROM 32K.5V的SPI总线串行EEPROM
|
MICROCHIP[Microchip Technology] MicrochipTechnology Microchip Technology Inc. Microchip Technology, Inc.
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CAT25256XI-T2 |
256 kb SPI Serial CMOS EEPROM 32K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
AT25640AN-10SA-2.7C AT25640A-10PK-5.0C |
8K X 8 SPI BUS SERIAL EEPROM, PDSO8 8K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
ATMEL CORP
|
X25040IG X25040 X25040D X25040DG X25040DP X25040E |
512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial E2PROM with Block LockTM Protection
|
IC MICROSYSTEMS SDN BHD
|